Part Number Hot Search : 
SM5876 BC337 XR2206P TC9447F SP310ECP MB39A119 ORA5180 BCX70G
Product Description
Full Text Search
 

To Download K-04204GX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K- 03203GX LCD BACK LIGHT, COB TYPE, LCD CHARACTER 16 1(L)
Part No.
Luminous Area (mm)
Chip Raw Material Emitted Color
Wave Length p(nm)
Electro-Optical Characteristics Input Iv(cd/m2) Vf(V) Current Typ. Typ.
K-03203GX
14.0
101.0 mm
GaP
Yellow Green
570
IF=160 mA
120
4.2
K- 04204GX LCD BACK LIGHT, COB TYPE, LCD CHARACTER 20 2
Part No.
Luminous Area (mm)
Chip Raw Material Emitted Color
Wave Length p(nm)
Electro-Optical Characteristics Input Iv(cd/m2) Vf(V) Current Typ. Typ.
K-04204GX
21.6
86.0 mm
GaP
Yellow Green
570
IF=210 mA
130
4.2
1.All dimension are in millimeters. 2.Tolerance is 0.20 mm unless otherwise specified.
D-3


▲Up To Search▲   

 
Price & Availability of K-04204GX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X